Part Number Hot Search : 
2SC2854 PC610 157M0 20100 38C43BM 9948A GJ1117A 2SK2212
Product Description
Full Text Search
 

To Download R2J20654NP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  r07ds0246ej0100 rev.1.00 page 1 of 15 jan 25, 2011 preliminary datasheet R2J20654NP integrated driver - mos fet (drmos) description the R2J20654NP multi-chip modul e incorporates a high-side mos fet, low- side mos fet, and mos-fet driver in a single qfn package. the on and off timing of the power mo s fet is optimized by the built-in driver, making this device suitable for large-current buck converters. the chip also incorporates a high-side bootstrap switch, eliminating the need for an external sbd for this purpose. features ? compliant with intel 6 ? 6 drmos specification. ? built-in power mos fet suitable for desktop, server application. ? low-side mos fet with built-in sbd for lower loss and reduced ringing. ? built-in driver circuit whic h matches the power mos fet ? built-in tri-state input function which ca n support a number of pwm controllers ? high-frequency operation (above 1 mhz) possible ? vin operating-voltage range: 20 vmax ? large average output current (max.40 a) ? achieve low power dissipation ? controllable driver: remote on/off ? zero current detection for a diode emulation operation ? double thermal protection: thermal warning & thermal shutdown ? built-in bootstrapping switch ? small package: qfn40 (6 mm ? 6 mm ? 0.95 mm) ? terminal pb-free/halogen-free outline (bottom view) low-side mos pad high-side mos pad driver pad 40 11 0 30 21 11 31 20 vin gh vcin boot vdrv disbl# zcd_en# gl pgnd thwn pwm mos fet driver cgnd vswh integrated driver-mos fet (drmos) qfn40 package 6 mm 6 mm r07ds0246ej0100 rev.1.00 jan 25, 2011
R2J20654NP preliminary r07ds0246ej0100 rev.1.00 page 2 of 15 jan 25, 2011 block diagram boot gh gl cgnd vdrv 2 a cgnd driver chip high-side mos fet low-side mos fet vdrv 160 k vcin 20 k 35 k vswh pgnd vin disbl# zcd_en# pwm level shifter vcin uvl vcin input logic (ttl level) (3 state in) thwn thdn thwn cgnd overlap protection. & logic boot sw zero current det. notes: 1. truth table for the disbl# pin 2. truth table for the zcd_en# pin disbl# input driver chip status "l" shutdown (gl, gh = "l") "open" shutdown (gl, gh = "l") "h" enable (gl, gh = "active") zcd_en# input gl status "l" "diode emulation mode" "open" "continuous conduction mode" "h" "continuous conduction mode" 3. output signal from the uvl block 4. output signal from the thwn block "h" "l" uvl output logic level vcin vh vl for active for shutdown "h" "l" thermal warning logic level t ic (c) twarnh twarnl thermal warning normal operating 5. truth table for the thdn block driver ic temp. driver chip status < 150c enable (gl, gh = "active") > 150c shutdown (gl, gh = "l") (latch-off)
R2J20654NP preliminary r07ds0246ej0100 rev.1.00 page 3 of 15 jan 25, 2011 pin arrangement (top view) vswh vin pwm disbl# thwn cgnd gl vswh vswh vswh vswh vin vin vin vswh pgnd pgnd pgnd pgnd pgnd vswh vin cgnd 21 22 23 24 25 26 27 28 29 30 1098765432 1 20 11 12 13 14 15 16 17 18 19 31 40 39 38 37 36 35 34 33 32 pgnd pgnd pgnd pgnd pgnd pgnd pgnd pgnd vswh vswh vin vin vin vswh gh cgnd boot vdrv vcin zcd_en# note: all die-pads (three pads in total) should be soldered to pcb. pin description pin name pin no. description remarks zcd_en# 1 zero current detection enable when asserted "l" signal, zero crossing detection is enabled vcin 2 control input voltage (+5 v input) driver vcc input vdrv 3 gate supply voltage (+5 v input) 5 v gate drive boot 4 bootstrap voltage pin to be s upplied +5 v through internal switch cgnd 5, 37, pad control signal ground should be connected to pgnd externally gh 6 high-side gate signal pin for monitor vin 8 to 14, pad input voltage vswh 7, 15, 29 to 35, pad phase output/switch output pgnd 16 to 28 power ground gl 36 low-side gate signal pin for monitor thwn 38 thermal warning thermal warning when over 115c disbl# 39 signal disable disabled when disbl# is "l". this pin is pulled low when internal ic over the thermal shutdown level, 150c. pwm 40 pwm drive logic input capable of both 3.3 v and 5 v logic input
R2J20654NP preliminary r07ds0246ej0100 rev.1.00 page 4 of 15 jan 25, 2011 absolute maximum ratings (ta = 25c) item symbol rating units note pt(25) 25 power dissipation pt(110) 8 w 1 average output current iout 40 a vin(dc) ?0.3 to +20 2 input voltage vin(ac) 30 v 2, 4 supply voltage & drive voltage vcin & vdrv ?0.3 to +6 v 2 vswh(dc) 20 2 switch node voltage vswh(ac) 30 v 2, 4 vboot(dc) 25 2 boot voltage vboot(ac) 36 v 2, 4 i/o voltage vpwm, vdisbl, vlsdbl, vthwn ?0.3 to vcin + 0.3 v 2, 5 thwn/thdn current ithwn, idisbl 0 to 1.0 ma 3 operating junction temperatur e tj-opr ?40 to +150 c storage temperature tstg ?55 to +150 c notes: 1. pt(25) represents a pcb tem perature of 25c, and pt (110) represents 110 ?c. 2. rated voltages are relative to voltages on the cgnd and pgnd pins. 3. for rated current, (+) indicates inflow. 4. the specification values indica ted "ac" is limited within 10 ns. 5. vcin + 0.3 v < 6 v 0 25 50 75 100 125 150 175 0 5 10 15 20 25 30 35 40 50 45 average output current (a) pcb temperature (c) safe operating area vin = 12 v vcin = vdrv = 5 v vout = 1.3 v f pwm = 1 mhz l = 0.45 h
R2J20654NP preliminary r07ds0246ej0100 rev.1.00 page 5 of 15 jan 25, 2011 recommended operating condition item symbol rating units note input voltage vin 4.5 to 16 v supply voltage & drive voltage vcin & vdrv 4.5 to 5.5 v electrical characteristics (ta = 25c, vcin = 5 v, vdrv = 5 v, vswh = 0 v, unless otherwise specified) item symbol min typ max units test conditions vcin start threshold v h 4.1 4.3 4.5 v vcin shutdown threshold v l 3.6 3.8 4.0 v uvlo hysteresis duvl ? 0.5 ? v v h ? v l vcin operating current i cin ? 62 ? ma f pwm = 1 mhz, ton_pwm = 120 ns supply vcin disable current i cin-disbl ? ? 350 ? a disbl# = 0 v, pwm = lsdbl# = open pwm input high level v h-pwm 2.6 ? ? v 3.3 v/5.0 v pwm interface pwm input low level v l-pwm ? ? 0.8 v pwm input resistance r in-pwm 6.5 12.5 25 k ? pwm = 1 v pwm input tri-state range v in-tri 1.4 ? 2.0 v 3.3 v/5.0 v pwm interface pwm input shutdown hold-off time t hold-off * 1 ? 150 ? ns enable level v enbl 2.0 ? ? v disable level v disbl ? ? 0.8 v input current i disbl ? 2.0 5.0 ? a disbl# = 1 v disbl# input thdn on resistance r thdn * 1 0.2 0.5 1.0 k ? disbl# = 0.2 v zcd disable level vzcddisbl 2.0 ? ? v zcd enable level vzcden ? ? 0.8 v zcd_en# input current izcden ?52 ?25 ?12 ? a zcd_en# = 1 v warning temperature t thwn * 1 100 115 130 c driver ic temperature temperature hysteresis t hys * 1 ? 15 ? c thwn on resistance r thwn * 1 0.2 0.5 1.0 k ? thwn = 0.2 v thermal warning thwn leakage current i leak ? ? 1.0 ? a thwn = 5 v thermal shutdown shutdown temperature tstdn * 1 130 150 ? c driver ic temperature note: 1. reference values for design. not 100% tested in production.
R2J20654NP preliminary r07ds0246ej0100 rev.1.00 page 6 of 15 jan 25, 2011 typical application pwm control circuit 4.5 to 16 v +1.3 v power gnd signal gnd vcin thwn cgnd gl vswh pgnd gh boot vdrv R2J20654NP +5 v zcd_en# disbl# vin pwm vcin thwn cgnd gl vswh pgnd gh boot vdrv R2J20654NP zcd_en# disbl# vin pwm pwm2 pwm3 pwm4 pwm1 vcin thwn cgnd gl vswh pgnd gh boot vdrv R2J20654NP zcd_en# disbl# vin pwm vcin thwn cgnd gl vswh pgnd gh boot vdrv R2J20654NP zcd_en# disbl# vin pwm
R2J20654NP preliminary r07ds0246ej0100 rev.1.00 page 7 of 15 jan 25, 2011 pin connection vin (4.5 v to 16 v) 10 f 4 pgnd pgnd 0.45 h vin pad vswh pad cgnd pad 1.0 f 0.1 f power gnd signal gnd pgnd R2J20654NP 11 14 13 12 15 18 17 16 vin vswh pgnd cgnd gl vswh vswh 0 to 10 pwm input +5 v thermal shutdown thermal warning vout +5 v zcd_enable signal input cgnd cgnd 10 k +5 v 10 k
R2J20654NP preliminary r07ds0246ej0100 rev.1.00 page 8 of 15 jan 25, 2011 test circuit vcin vin vswh boot gl R2J20654NP pgnd gh vcont vinput cgnd disbl# vdrv lsdbl# pwm 5 v pulse note: p in = i in v in + i cin v cin p out = i o v o efficiency = p out / p in p loss (drmos) = p in ? p out ta = 27c averaging output voltage v o v v v cin v in i cin v i in a a i o electric load averaging circuit
R2J20654NP preliminary r07ds0246ej0100 rev.1.00 page 9 of 15 jan 25, 2011 typical data power loss vs. output current output current (a) output voltage (v) power loss (w) normalized power loss @ vin = 12 v input voltage (v) power loss vs. input voltage power loss vs. switching frequency normalized power loss @ vout = 1.3 v switching frequency (khz) normalized power loss @ f pwm = 600 khz power loss vs. output voltage 0 1 2 3 4 5 6 7 8 0 5 10 15 20 25 30 40 35 4 6 8 10 12 14 16 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.5 1.8 1.7 1.4 1.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.5 1.8 1.7 1.4 1.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.5 1.8 1.7 1.4 1.6 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0 4.4 250 500 750 1000 1250 vin = 12 v vcin = vdrv = 5 v vout = 1.3 v f pwm = 600 khz l = 0.45 h vin = 12 v vcin = vdrv = 5 v f pwm = 600 khz l = 0.45 h iout = 25 a vin = 12 v vcin = vdrv = 5 v vout = 1.3 v l = 0.45 h iout = 25 a vcin = vdrv = 5 v vout = 1.3 v f pwm = 600 khz l = 0.45 h iout = 25 a
R2J20654NP preliminary r07ds0246ej0100 rev.1.00 page 10 of 15 jan 25, 2011 typical data (cont.) power loss vs. output inductance output inductance (h) normalized power loss @ l = 0.45 h normalized power loss @ vcin = vdrv = 5 v power loss vs. vcin 0.10.20.30.40.50.60.70.80.91.0 vcin = vdrv (v) 4.5 5.0 5.5 6.0 vin = 12 v vcin = vdrv = 5 v vout = 1.3 v f pwm = 600 khz iout = 25 a vin = 12 v vcin = vdrv = 5 v vout = 1.3 v l = 0.45 h iout = 0 a switching frequency (khz) average icin vs. switching frequency average icin (ma) 10 20 40 50 30 90 70 80 60 250 500 750 1000 1250 vin = 12 v vout = 1.3 v f pwm = 600 khz l = 0.45 h iout = 25 a 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.5 1.8 1.7 1.4 1.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.5 1.8 1.7 1.4 1.6
R2J20654NP preliminary r07ds0246ej0100 rev.1.00 page 11 of 15 jan 25, 2011 description of operation the drmos multi-chip module incorporates a high-side mo s fet, low-side mos fet, and mos-fet driver in a single qfn package. since the parasitic in ductance between each chip is extremely small, the module is highly suitable for use in buck converters to be operated at high frequencies. the control timing between the high-side mos fet, low- side mos fet, and driver is optimized so that high efficiency can be obtain ed at low output-voltage. vcin & disbl# the vcin pin is connected to the uvl (under-voltage lockout) module, so that the driver is disabled as long as vcin is 4.3 v or less. on cancellation of uvl, the driver remain s enabled until the uvl input is driven to 3.8 v or less. the signal on pin disbl# also enables or disables the circuit. voltages from ?0.3 v to vcin can be applied to the disbl# pin, so on/off control by a logic ic or the use of a resistor, etc., to pull the disbl# line up to vcin are both possible. vcin disbl# driver state l ? disable (gl, gh = l) h l disable (gl, gh = l) h h active h open disable (gl, gh = l) the pulled-down mosfet, which is turned on when internal ic temperature becomes over thermal shutdown level, is connected to the disbl# pin. the detailed function is described in thdn section. pwm & zcd_en# the pwm pin is the signal input pin for the driver chip. the input-voltage range is ?0.3 v to (vcin + 0.3 v). when the pwm input is high, the gate of the high -side mos fet (gh) is high and the gate of the lo w-side mos fet (gl) is low. pwm gh gl l l h h h l the zcd_en# pin is the zero current detection operation enable pin for "diode emulation mode (dem)" when zcd_en# is low. this function improves light load efficiency by preventing negative inductor current from output capacitor. driver ic monitors inductor cu rrent and when inductor cu rrent crosses zero, driver ic turn off low-side mos fet automatically. figure 1.1 shows the typical high side and low side gate switching and inductor current (il) during continuous conduction mode (ccm), and figure 1.2 shows dem when asserting zero current detection enable signal. zcd_en# pin is internally pulled up to vcin with 160 k ? resistor. when zero current detection function is not used, keep this pin open or pulled up to vcin. ccm operation (zcd_en# = "h" or open mode) il 0 a pwm gh gl figure 1.1 typical signals during ccm
R2J20654NP preliminary r07ds0246ej0100 rev.1.00 page 12 of 15 jan 25, 2011 gl il gh dem operation (zcd_en# = "l" in light load condition) 0 a pwm figure 1.2 typical signals during dem the pwm input is ttl level and has hysteresis. when the signal route from the control ic is high impedance, the tri- state function turns off the high- and lo w-side mos fets. this function operates when the pwm input signal stays in the input hysteresis window for 150 ns (typ.). after the tri-state mode has been entered and gh and gl have become low, a pwm input voltage of 2.6 v or more is required to make the circuit return to normal operation. 2.0 v 1.4 v 2.0 v 1.4 v 150 ns (t hold-off ) 150 ns (t hold-off ) 150 ns (t hold-off ) 150 ns (t hold-off ) pwm gh gh gl gl pwm figure 2 pwm shutdown-hold time signal
R2J20654NP preliminary r07ds0246ej0100 rev.1.00 page 13 of 15 jan 25, 2011 the equivalent circuit for the pwm-pin input is shown in the next figure. m1 is in the on state during normal operation; after the pwm input signal has stayed in the hysteresis window for 150 ns (typ.) and the tri-state detection signal has been driven high, the transistor m1 is turned off. when vcin is powered up, m1 is star ted in the off state regardless of pwm low or open state. after pwm is asserted high signal, m1 becomes on and shifts to normal operation. vcin 25 k to internal control tri-state detection signal 12.5 k input logic m1 pwm pin figure 3 equivalent circuit for the pwm-pin input thwn & thdn this device has two level thermal detection, one is thermal warning and the other is thermal shutdown function. this thermal warning feature is the indi cation of the high temperature status. thwn is an open drain logic output signal and need to connect a pull-up resistor (ex.51 k ? ) to thwn for systems with the thermal warning implementation. when the chip temperature of the in ternal driver ic becomes over 115c, thermal warning function operates. this signal is only indication for the system c ontroller and does not disable drmos operation. when thermal warning function is not used, keep this pin open. t ic (c) 115 100 thermal warning normal operating thwn output logic level "l" "h" figure 4 thwn trigger temperature
R2J20654NP preliminary r07ds0246ej0100 rev.1.00 page 14 of 15 jan 25, 2011 thdn is an internal thermal shutdown signal when driver ic becomes over 150c. this function makes high-side mos fet and low-side mos fet turn off for the device protection from abnormal high temperature situation and at the same time disbl# pi n is pulled low internally to give notice to the system controller. once thermal shutdown function operates, dr iver ic keeps disbl# pin pulled low until vcin becomes under uvl level (3.8 v). figure 5 shows the example of two types of disbl# connection with the system controller signal. driver ic temp. driver chip status < 150c enable (gl, gh = "active") > 150c shutdown (gl, gh = "l") figure 5.1 thdn signal to the system controller figure 5.2 on/off signal from the system controlle r 2 a 10 k 5 v disbl# thermal shutdown detection to internal logic to shutdown signal 2 a disbl# thermal shutdown detection to internal logic on/off signal 10 k mos fet the mos fets incorporated in R2J20654NP are highly suitable for synchronous-rectification buck conversion. for the high-side mos fet, the drain is connected to the vin pin and the source is co nnected to the vswh pin. for the low- side mos fet, the drain is connect ed to the vswh pin and the source is connected to the pgnd pin.
R2J20654NP preliminary r07ds0246ej0100 rev.1.00 page 15 of 15 jan 25, 2011 package dimensions l p a 1 a e h e e z d z e d h d y s 1pin 40pin s 1pin 40pin outer lead detail c c 1 2.2 2.0 2.2 2.2 2.0 0.2 0.7 2.2 3.1 0.2 0.2 10pin 11pin 20pin s m b 21pin 30pin 31pin 31pin 30pin 21pin 10pin b1 s 0.270.22 0.20 0.17 0.75 0.75 0.20 0.005 0.600.50 0.40 6.00 6.00 6.20 6.20 0.95 0.270.22 0.17 0.50 0.05 reference symbol dimension in millimeters min nom max t y 1 l p z e z d y x b 1 b a e d a 1 e c 1 h d c h e p-vqfn40-6x6-0.50 0.10g mass[typ.] ? pvqn0040kc-a renesas code jeita package code previous code note) b1,c1: dimension before plating ordering information part name quantity shipping container R2J20654NP#g3 2500 pcs taping reel
notice 1. all information included in this document is current as of the date this document is issued. such information, however, is subject to change without any prior notice. before purchasing or using any renesas electronics products listed herein, please confirm the latest product information with a renesas electronics sales office. also, please pay regular and careful attention to additional and different information to be disclosed by renesas electronics such as that disclosed through our website. 2. renesas electronics does not assume any liability for infringement of patents, copyrights, or other intellectual property rights of third parties by or arising from the use of renesas electronics products or technical information described in this document. no license, express, implied or otherwise, is granted hereby under any patents, copyrights or other intellectual property rights of renesas electronics or others. 3. you should not alter, modify, copy, or otherwise misappropriate any renesas electronics product, whether in whole or in part . 4. descriptions of circuits, software and other related information in this document are provided only to illustrate the operation of semiconductor products and application examples. you are fully responsible for the incorporation of these circuits, software, and information in the design of your equipment. renesas electronics assumes no responsibility for any losses incurred by you or third parties arising from the use of these circuits, software, or information. 5. when exporting the products or technology described in this document, you should comply with the applicable export control laws and regulations and follow the procedures required by such laws and regulations. you should not use renesas electronics products or the technology described in this document for any purpose relating to military applications or use by the military, including but not limited to the development of weapons of mass destruction. renesas electronics products and technology may not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable domestic or foreign laws or regulations. 6. renesas electronics has used reasonable care in preparing the information included in this document, but renesas electronics does not warrant that such information is error free. renesas electronics assumes no liability whatsoever for any damages incurred by you resulting from errors in or omissions from the information included herein. 7. renesas electronics products are classified according to the following three quality grades: "standard", "high quality", and "specific". the recommended applications for each renesas electronics product depends on the product's quality grade, as indicated below. you must check the quality grade of each renesas electronics product before using it in a particular application. you may not use any renesas electronics product for any application categorized as "specific" without the prior written consent of renesas electronics. further, you may not use any renesas electronics product for any application for which it is not intended without the prior written consent of renesas electronics. renesas electronics shall not be in any way liable for any damages or losses incurred by you or third parties arising from the use of any renesas electronics product for an application categorized as "specific" or for which the product is not intended where you have failed to obtain the prior written consent of renesas electronics. the quality grade of each renesas electronics product is "standard" unless otherwise expressly specified in a renesas electronics data sheets or data books, etc. "standard": computers; office equipment; communications equipment; test and measurement equipment; audio and visual equipment; home electronic appliances; machine tools; personal electronic equipment; and industrial robots. "high quality": transportation equipment (automobiles, trains, ships, etc.); traffic control systems; anti-disaster systems; anti-crime systems; safety equipment; and medical equipment not specifically designed for life support. "specific": aircraft; aerospace equipment; submersible repeaters; nuclear reactor control systems; medical equipment or systems for life support (e.g. artificial life support devices or systems), surgical implantations, or healthcare intervention (e.g. excision, etc.), and any other applications or purposes that pose a direct threat to human life. 8. you should use the renesas electronics products described in this document within the range specified by renesas electronics, especially with respect to the maximum rating, operating supply voltage range, movement power voltage range, heat radiation characteristics, installation and other product characteristics. renesas electronics shall have no liability for malfunctions or damages arising out of the use of renesas electronics products beyond such specified ranges. 9. although renesas electronics endeavors to improve the quality and reliability of its products, semiconductor products have specific characteristics such as the occurrence of failure at a certain rate and malfunctions under certain use conditions. further, renesas electronics products are not subject to radiation resistance design. please be sure to implement safety measures to guard them against the possibility of physical injury, and injury or damage caused by fire in the event of the failure of a renesas electronics product, such as safety design for hardware and software including but not limited to redundancy, fire control and malfunction prevention, appropriate treatment for aging degradation or any other appropriate measures. because the evaluation of microcomputer software alone is very difficult, please evaluate the safety of the final products or system manufactured by you. 10. please contact a renesas electronics sales office for details as to environmental matters such as the environmental compatibility of each renesas electronics product. please use renesas electronics products in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances, including without limitation, the eu rohs directive. renesas electronics assumes no liability for damages or losses occurring as a result of your noncompliance with applicable laws and regulations. 11. this document may not be reproduced or duplicated, in any form, in whole or in part, without prior written consent of renesas electronics. 12. please contact a renesas electronics sales office if you have any questions regarding the information contained in this document or renesas electronics products, or if you have any other inquiries. (note 1) "renesas electronics" as used in this document means renesas electronics corporation and also includes its majority-owned subsidiaries. (note 2) "renesas electronics product(s)" means any product developed or manufactured by or for renesas electronics. http://www.renesas.com refer to "http://www.renesas.com/" for the latest and detailed information. renesas electronics america inc. 2880 scott boulevard santa clara, ca 95050-2554, u.s.a. tel: +1-408-588-6000, fax: +1-408-588-6130 renesas electronics canada limited 1101 nicholson road, newmarket, ontario l3y 9c3, canada tel: +1-905-898-5441, fax: +1-905-898-3220 renesas electronics europe limited dukes meadow, millboard road, bourne end, buckinghamshire, sl8 5fh, u.k tel: +44-1628-585-100, fax: +44-1628-585-900 renesas electronics europe gmbh arcadiastrasse 10, 40472 dsseldorf, germany tel: +49-211-65030, fax: +49-211-6503-1327 renesas electronics (china) co., ltd. 7th floor, quantum plaza, no.27 zhichunlu haidian district, beijing 100083, p.r.china tel: +86-10-8235-1155, fax: +86-10-8235-7679 renesas electronics (shanghai) co., ltd. unit 204, 205, azia center, no.1233 lujiazui ring rd., pudong district, shanghai 200120, china tel: +86-21-5877-1818, fax: +86-21-6887-7858 / -7898 renesas electronics hong kong limited unit 1601-1613, 16/f., tower 2, grand century place, 193 prince edward road west, mongkok, kowloon, hong kong tel: +852-2886-9318, fax: +852 2886-9022/9044 renesas electronics taiwan co., ltd. 7f, no. 363 fu shing north road taipei, taiwan tel: +886-2-8175-9600, fax: +886 2-8175-9670 renesas electronics singapore pte. ltd. 1 harbourfront avenue, #06-10, keppel bay tower, singapore 098632 tel: +65-6213-0200, fax: +65-6278-8001 renesas electronics malaysia sdn.bhd. unit 906, block b, menara amcorp, amcorp trade centre, no. 18, jln persiaran barat, 46050 petaling jaya, selangor darul ehsan, malaysia tel: +60-3-7955-9390, fax: +60-3-7955-9510 renesas electronics korea co., ltd. 11f., samik lavied' or bldg., 720-2 yeoksam-dong, kangnam-ku, seoul 135-080, korea tel: +82-2-558-3737, fax: +82-2-558-5141 sales offices ? 2011 renesas electronics corporation. all rights reserved. colophon 1.0


▲Up To Search▲   

 
Price & Availability of R2J20654NP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X